|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWER TRANSFORMER 1. CONFIGURATION & DIMENSIONS : 1.00 (0.041) LP40-1200 (F) SERIES 56.00 (2.205) PC terminal plug-in mounting B B B 16.70 (0.657) 1 2 5 A 6 W 3 7 H Max. 4 8 6.00 (0.236) Ref. L PCB Pattern UNIT : mm (inch) SIZE 48 L 80.40 (3.168) W 62.70 (2.475) H 34.50 (1.358) A 57.00 (2.244) B 15.00 (0.590) gram 595.34 2. SCHEMATIC : 3 7 Primaries 4 115/230V 50/60Hz 2 8 6 1 indicates polarity 5 3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. NO Load Primary Current Input AC 115V 60Hz . Input AC 230V 50Hz . c. Secondary Voltage (5%) d. Secondary Load Current e. Full Load Primary Current Input AC 115V 60Hz . Input AC 230V 50Hz . f. Full Load Secondary Voltage (5%) g. DC Resistance Pin 1-2 Pin 3-4 Pin 5-6 Pin 7-8 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size AC 115/230 V 50/60 Hz . Less Than 70mA . Less Than 70mA . Series AC - V . Parallel AC - V . Series 1200mA . Parallel 2400mA . Less Than - mA . Less Than - mA . Series 40.00V . Parallel 20.00V . Primary = 34 Ohm . = 34 Ohm . Secondary = - Ohm . = - Ohm . DC 500V 100Meg Ohm Of More . AC 1500V 60Hz 1 Minutes . Less Than 60 Deg C . UI-48 x 16.20 m/m . NOTE : Specifications subject to change without notice. Please check our website for latest information. B 10.06.2008 SUPERWORLD ELECTRONICS (S) PTE LTD PG. 1 |
Price & Availability of LP40-1200 |